| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8018010FSC bảng dữ liệu(PDF) 39 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8018010FSC bảng dữ liệu(HTML) 39 Page - Zilog, Inc. |
|
39 / 326 page ![]() Z 8018x Fam il y M PU Use r M anual 24 UM005001-ZMP0400 Figure 14. Instruction Timing Diagram This instruction moves the contents of a CPU register (g) to the memory location with address computed by adding a signed 8-bit displacement (d) to the contents of an index register (IX). The instruction cycle begins with the two machine cycles to read the two byte instruction Op Code as indicated by M1 Low. Next, the instruction operand (d) is fetched. Memory Write Cycle Next instruction Fetch Cycle CPU internal Operation Displacement Read Cycle 2nd Op Code Fetch Cycle 1st Op Code Fetch Cycle T1 T2 T3 T1 T3 T1 T2 T2 T3 T1 T1 T1 T1 T1 T2 T3 T2 PC+3 IX+d PC+2 PC+1 PC g (7OH –77H) (DDH) d MC1 MC2 MC3 MC4 MC5 MC6 MC7 NOTE: d = displacement g = register contents Machine Cycle WR RD MREQ Phi A0 –A19 D0 –D7 M1 |