| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358ADE4 bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358ADE4 bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 66 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 3-Jun-2022 Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM2904VQDR SOIC D 8 2500 340.5 336.1 25.0 LM2904VQDR SOIC D 8 2500 340.5 336.1 25.0 LM2904VQDRG4 SOIC D 8 2500 340.5 336.1 25.0 LM2904VQPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904VQPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904VQPWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM2904VQPWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM358ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM358ADGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM358ADR SOIC D 8 2500 356.0 356.0 35.0 LM358ADR SOIC D 8 2500 356.0 356.0 35.0 LM358ADR SOIC D 8 2500 340.5 336.1 25.0 LM358ADR SOIC D 8 2500 340.5 336.1 25.0 LM358ADR SOIC D 8 2500 364.0 364.0 27.0 LM358ADRG4 SOIC D 8 2500 356.0 356.0 35.0 LM358ADRG4 SOIC D 8 2500 340.5 336.1 25.0 LM358ADRG4 SOIC D 8 2500 340.5 336.1 25.0 LM358ADRG4 SOIC D 8 2500 356.0 356.0 35.0 LM358APWR TSSOP PW 8 2000 356.0 356.0 35.0 LM358APWR TSSOP PW 8 2000 364.0 364.0 27.0 LM358APWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM358BAIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM358BAIDGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM358BAIDR SOIC D 8 2500 340.5 336.1 25.0 LM358BAIPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM358BIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM358BIDGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM358BIDR SOIC D 8 2500 340.5 336.1 25.0 LM358BIPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM358DGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM358DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM358DGKR VSSOP DGK 8 2500 358.0 335.0 35.0 LM358DR SOIC D 8 2500 340.5 336.1 25.0 LM358DR SOIC D 8 2500 340.5 336.1 25.0 LM358DR SOIC D 8 2500 356.0 356.0 35.0 LM358DR SOIC D 8 2500 364.0 364.0 27.0 LM358DR SOIC D 8 2500 356.0 356.0 35.0 LM358DRG3 SOIC D 8 2500 333.2 345.9 28.6 LM358DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM358DRG4 SOIC D 8 2500 340.5 336.1 25.0 LM358DRG4 SOIC D 8 2500 356.0 356.0 35.0 LM358DRG4 SOIC D 8 2500 340.5 336.1 25.0 LM358DRG4 SOIC D 8 2500 356.0 356.0 35.0 Pack Materials-Page 7 |