công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB1104 bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB1104
Giải thích chi tiết về linh kiện  TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TUSB1104 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button TUSB1104 Datasheet HTML 37Page - Texas Instruments TUSB1104 Datasheet HTML 38Page - Texas Instruments TUSB1104 Datasheet HTML 39Page - Texas Instruments TUSB1104 Datasheet HTML 40Page - Texas Instruments TUSB1104 Datasheet HTML 41Page - Texas Instruments TUSB1104 Datasheet HTML 42Page - Texas Instruments TUSB1104 Datasheet HTML 43Page - Texas Instruments TUSB1104 Datasheet HTML 44Page - Texas Instruments TUSB1104 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TUSB1104 is a linear redriver designed specifically to compensate for intersymbol interference (ISI) jitter
causes by signal attenuation through a passive medium like PCB traces or cables. Placing the TUSB1104
between the USB connector and a USB 3.2 host, hub, and device can correct signal integrity issues resulting in
a more robust system.
9 Typical Application
USB3.2
Host
TUSB1104
A
B
D
C
SSTX1N
SSTX1P
SSRX1N
SSRX1P
CTX1N
CTX1P
CTX2P
CTX2N
CRX1P
CRX1N
CRX2P
CRX2N
PCB Trace of Length XAB
PCB Trace of Length XCD
SSRX2P
SSRX2N
SSTX2P
SSTX2N
Optional
Optional
RESD
RESD
CAC-USB1
CAC-USB2
CAC-USB1
CAC-USB2
CAC-USB1
LESD
LAC-CAP
LAC-CAP
LR_ESD
CAC-USB1
Figure 9-1. Typical USB Host Application
www.ti.com
TUSB1104
SLLSFL1 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TUSB1104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55