công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM158AFKB bảng dữ liệu(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM158AFKB
Giải thích chi tiết về linh kiện  Industry-Standard Dual Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM158AFKB bảng dữ liệu(HTML) 45 Page - Texas Instruments

Back Button LM158AFKB Datasheet HTML 41Page - Texas Instruments LM158AFKB Datasheet HTML 42Page - Texas Instruments LM158AFKB Datasheet HTML 43Page - Texas Instruments LM158AFKB Datasheet HTML 44Page - Texas Instruments LM158AFKB Datasheet HTML 45Page - Texas Instruments LM158AFKB Datasheet HTML 46Page - Texas Instruments LM158AFKB Datasheet HTML 47Page - Texas Instruments LM158AFKB Datasheet HTML 48Page - Texas Instruments LM158AFKB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Jun-2022
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM258DRG3
SOIC
D
8
2500
333.2
345.9
28.6
LM258DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM258DRG4
SOIC
D
8
2500
356.0
356.0
35.0
LM258DRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM258DRG4
SOIC
D
8
2500
356.0
356.0
35.0
LM258DRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM2904AVQDR
SOIC
D
8
2500
340.5
336.1
25.0
LM2904AVQDR
SOIC
D
8
2500
340.5
336.1
25.0
LM2904AVQDRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM2904AVQDRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM2904AVQPWR
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904AVQPWR
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904AVQPWRG4
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904AVQPWRG4
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904BAIDDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
LM2904BAIDGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
LM2904BAIDR
SOIC
D
8
2500
340.5
336.1
25.0
LM2904BAIPWR
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904BIDDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
LM2904BIDGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
LM2904BIDR
SOIC
D
8
2500
340.5
336.1
25.0
LM2904BIPWR
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904DGKR
VSSOP
DGK
8
2500
358.0
335.0
35.0
LM2904DGKR
VSSOP
DGK
8
2500
366.0
364.0
50.0
LM2904DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM2904DR
SOIC
D
8
2500
364.0
364.0
27.0
LM2904DR
SOIC
D
8
2500
356.0
356.0
35.0
LM2904DR
SOIC
D
8
2500
340.5
336.1
25.0
LM2904DR
SOIC
D
8
2500
356.0
356.0
35.0
LM2904DR
SOIC
D
8
2500
340.5
336.1
25.0
LM2904DRG3
SOIC
D
8
2500
333.2
345.9
28.6
LM2904DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM2904DRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM2904DRG4
SOIC
D
8
2500
356.0
356.0
35.0
LM2904DRG4
SOIC
D
8
2500
340.5
336.1
25.0
LM2904DRG4
SOIC
D
8
2500
356.0
356.0
35.0
LM2904PSR
SO
PS
8
2000
356.0
356.0
35.0
LM2904PWR
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2904PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2904PWRG4
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904PWRG4-JF
TSSOP
PW
8
2000
356.0
356.0
35.0
LM2904QDR
SOIC
D
8
2500
350.0
350.0
43.0
Pack Materials-Page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66