công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

INA350CDSIDDFR bảng dữ liệu(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện INA350CDSIDDFR
Giải thích chi tiết về linh kiện  INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

INA350CDSIDDFR bảng dữ liệu(HTML) 19 Page - Texas Instruments

Back Button INA350CDSIDDFR Datasheet HTML 15Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 16Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 17Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 18Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 19Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 20Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 21Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 22Page - Texas Instruments INA350CDSIDDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
8 Detailed Description
8.1 Overview
INA350 is a selectable gain instrumentation amplifier mainly targeted to provide an integrated small size, cost
effective solution for applications employing general purpose INAs or discrete implementation of INAs using
commodity amplifiers and resistors. It incorporates a three op amp INA architecture integrating three operational
amplifiers and seven precision matched integrated resistors. It is mainly targeted for use in 10-bit to 14-bit
systems, but calibrating offset and gain error at a system level can further improve system resolution and
accuracy enabling use in precision applications.
One of the key features of INA350 is that it does not need any external resistors to set the gain. Often these
external resistors warrant tighter tolerance and need to be routed carefully which adds to the system complexity
and cost. INA350 is offered in four gain options across two variants. INA350ABS has two gain options of 10 and
20. INA350CDS has two other gain options of 30 and 50. Gains can be selected by connecting the GS pin to
logic high or logic low. Note that the GS pin can be left floating as well, as it is designed with an internal pull up to
default to the same configuration as GS tied logic high.
The INA350 is developed for industrial applications in factory automation and appliances sector where pressure
sensing and temperature sensing are done using bridge-type sensor networks and load cells. It can also be used
in tight spaces in medical applications such as patient monitoring, sleep diagnostics, electronic hospital beds,
blood glucose monitoring, and so forth for voltage sensing and differential to single-ended conversion. INA350
can enable these applications to reduce their overall size through the use of tiny packages, including a 2-mm ×
1.5-mm X2QFN package and a 2-mm × 2-mm WSON package.
8.2 Functional Block Diagram
+
–
+
–
+
–
60 k
60 k
60 k
60 k
REF
V+
OUT
V
IN
+IN
90 k
/ 145 k
90 k
/ 145 k
RG
GS
SHDN
_____
Note: 90 kΩ for INA350ABS and 145 kΩ for INA350CDS
Simplified Internal Schematic
www.ti.com
INA350
SBOSAA0B – NOVEMBER 2021 – REVISED APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com