| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX88872P bảng dữ liệu(PDF) 30 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88872P bảng dữ liệu(HTML) 30 Page - ASIX Electronics Corporation |
|
30 / 36 page ![]() ASIX ELECTRONICS CORPORATION 30 CONFIDENTIAL AX88872P Swipeater Controller PRELIMINARY 5.4.9 Repeater ID Daisy Chain T1 T2 T2 Daisy-Out ID0 ID1 ID2 ID0 ID1 ID2 T3 Daisy-In ID0 ID1 ID2 ID0 ID1 ID2 Symbol Description Min Typ. Max Units T1 Daisy Chain One Burst period 204.8 us T2 Start Bit Period or Data Width 12.8 us T3 Time-out occur when no data present on Daisy_in * 3.8 s Note : Daisy-Chain Data-In Time-out stands for no input data (always high level) for the specific time. |