công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATAR080-D bảng dữ liệu(PDF) 51 Page - ATMEL Corporation

tên linh kiện ATAR080-D
Giải thích chi tiết về linh kiện  Low-current Microcontroller for Wireless Communication
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR080-D bảng dữ liệu(HTML) 51 Page - ATMEL Corporation

Back Button ATAR080-D Datasheet HTML 47Page - ATMEL Corporation ATAR080-D Datasheet HTML 48Page - ATMEL Corporation ATAR080-D Datasheet HTML 49Page - ATMEL Corporation ATAR080-D Datasheet HTML 50Page - ATMEL Corporation ATAR080-D Datasheet HTML 51Page - ATMEL Corporation ATAR080-D Datasheet HTML 52Page - ATMEL Corporation ATAR080-D Datasheet HTML 53Page - ATMEL Corporation ATAR080-D Datasheet HTML 54Page - ATMEL Corporation ATAR080-D Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
51
ATAR080
4675D–4BMCU–12/04
Combination Modes
The UTCM consists of one timer (Timer 2) and a serial interface. There is a multitude of
modes in which the timers and serial interface can work together.
The 8-bit wide serial interface operates as shift register for modulation. The modulator
units work together with the timers and shift the data bits into or out of the shift register.
Combination Mode Timer 2 and
SSI
Figure 52. Combination Timer 2 and SSI
4-bit Counter 2/1
RES
OVF1
Compare 2/1
T2CO1
POUT
CL2/2
DCG
T2M1
P4CR
8-bit Counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
Timer 2 - control
TOG2
INT4
Bi-phase
Manchester
modulator
OUTPUT
MOUT
T2O
Timer 2
modulator
output-stage
T2M2
SO
Control
T2C
CL2/1
T2I
SYSCL
T1OUT
reserved
SCL
I/O-bus
8-bit shift register
MSB
LSB
Shift_CL
SO
SIC1
SIC2
SISC
SCLI
Control
STB
SRB
SI
Output
INT3
I/O-bus
SSI-control
TOG2
POUT
T1OUT
SYSCL
Transmit
buffer
Receive
buffer
CM1
I/O-bus
POUT
SO
SCL
SC
SD
DCGO
TOG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68