công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P60D080PX0 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện P60D080PX0
Giải thích chi tiết về linh kiện  Secure high-performance dual interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60D080PX0 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  P60D080PX0 Datasheet HTML 1Page - NXP Semiconductors P60D080PX0 Datasheet HTML 2Page - NXP Semiconductors P60D080PX0 Datasheet HTML 3Page - NXP Semiconductors P60D080PX0 Datasheet HTML 4Page - NXP Semiconductors P60D080PX0 Datasheet HTML 5Page - NXP Semiconductors P60D080PX0 Datasheet HTML 6Page - NXP Semiconductors P60D080PX0 Datasheet HTML 7Page - NXP Semiconductors P60D080PX0 Datasheet HTML 8Page - NXP Semiconductors P60D080PX0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 1 September 2010
197210
4 of 12
NXP Semiconductors
P60D080 and P60D144
Secure high-performance dual interface smart card controller
3.2 Security features
Outstanding Glue Logic chip layout approach:
Most efficient and proven protection against reverse engineering
Based on avoidance of any logical layout block recognition
Secure Fetch (Code and Data)
Active and dynamic shielding
Enhanced security sensors:
Low and high clock frequency sensor
Low and high temperature sensor
Low and high supply voltage sensor
Single Fault Injection (SFI) attack detection
Light sensors (included integrated memory light sensor functionality)
Electronic fuses for safeguarded mode control
Clock input filter for protection against spikes
Power-up and power-down reset
Memory security (encryption and physical measures) for RAM, EEPROM and ROM
Memory Management Unit (MMU) including memory protection:
Secure multi application operating systems via two different operation modes:
System mode and User mode
OS controlled access restriction mechanism to peripherals in User mode
Memory mapping up to 8-MB code memory
Memory mapping up to 8-MB data memory
Built-in integral concept for secure code execution covering code fetch, MMU and CPU
Optional disabling of ROM read instructions by code executed in EEPROM
Optional disabling of any code execution out of RAM
Optional Unique ID for each die
Optional programmable card disable feature
EEPROM programming:
Hardware sequencer controlled
Enhanced error correction mechanism
128-B or 264-B EEPROM for customer-defined Security FabKey:
Featuring batch, wafer or die-individual security data
Encrypted diversification features available on request
14 B user write protected security area in EEPROM (byte access, inhibit functionality
per byte)
32 B write once protected security area in EEPROM (bit access)
32 B user read only protected security area in EEPROM (byte access)
Total useable EEPROM for customer OS (including optional FabKey areas) and
excluding the MIFARE Plus and DESFire EV1 implementations
P60D080: 81408 bytes + above 78 bytes within protected security area
P60D144: 146944 bytes + above 78 bytes within protected security area
Customer specific EEPROM initialization available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com