công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMA321 bảng dữ liệu(PDF) 40 Page - NXP Semiconductors

tên linh kiện KMA321
Giải thích chi tiết về linh kiện  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA321 bảng dữ liệu(HTML) 40 Page - NXP Semiconductors

Back Button KMA321 Datasheet HTML 36Page - NXP Semiconductors KMA321 Datasheet HTML 37Page - NXP Semiconductors KMA321 Datasheet HTML 38Page - NXP Semiconductors KMA321 Datasheet HTML 39Page - NXP Semiconductors KMA321 Datasheet HTML 40Page - NXP Semiconductors KMA321 Datasheet HTML 41Page - NXP Semiconductors KMA321 Datasheet HTML 42Page - NXP Semiconductors KMA321 Datasheet HTML 43Page - NXP Semiconductors KMA321 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
NXP Semiconductors
KMA321/A
Programmable angle sensor IC
16 Programming
16.1 General description
The device provides an OWI to enable programming of the device which uses
pin OUT/DATA bidirectionally.
In general the device runs in analog or SENT mode, the normal operation mode. The
embedded programming data configures this mode. After a power-on reset once time
ton has elapsed, it starts. In this mode, the magnetic field angle is converted into the
corresponding output voltage.
A second mode, the command mode enables programming. In this mode, the customer
can adjust all required parameters (for example zero angle and angular range) to meet
the application requirements. Data is stored in the non-volatile memory. After changing
the contents of the memory, recalculate and write the checksum (see Section 16.4).
In order to enter the command mode keep pin OUT/DATA HIGH for at least tto and send
a specific command sequence after a power-on reset and during the time slot tcmd(ent).
The external source used to send the command sequence must overdrive the output
buffer of the device. In doing so, it provides current Iod.
During communication, the KMA321/A is always the slave and the external programming
hardware is always the master. Figure 21 illustrates the structure of the OWI data format.
001aag742
write
IDLE
IDLE
START
STOP
COMMAND DATA BYTE 1 DATA BYTE 2
IDLE START COMMAND HANDOVER
TAKEOVER STOP IDLE
DATA BYTE 1 DATA BYTE 2
read
Figure 21. OWI data format
The master provides the start condition, which is a rising edge after a LOW level. Then a
command byte which can be either a read or a write command is sent. Depending on the
command, the master or the slave has to send the data immediately after the command
sequence. If there is a read command, an additional handover or takeover bit is inserted
before and after the data bytes. The master must close each communication with a stop
condition. If the slave does not receive a rising edge for a time longer than tto, a timeout
condition occurs. The bus is reset to the idle state and waits for a start condition and a
new command. This behavior can be used to synchronize the device regardless of the
previous state.
All communication is based on this structure (see Figure 21), even for entering the
command mode. The customer can access the non-volatile memory, CTRL1, and
SIGNATURE registers (described in Section 16.5). Only a power-on reset leaves the
command mode. A more detailed description of the programming is given in the next
sections.
KMA321_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 18 May 2022
40 / 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com