công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLF989EU bảng dữ liệu(PDF) 2 Page - Ampleon Netherlands B.V.

tên linh kiện BLF989EU
Giải thích chi tiết về linh kiện  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPLEON [Ampleon Netherlands B.V.]
Trang chủ  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF989EU bảng dữ liệu(HTML) 2 Page - Ampleon Netherlands B.V.

  BLF989EU Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF989EU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BLF989E_BLF989ES
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 3 — 17 February 2022
2 of 12
BLF989E; BLF989ES
UHF power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the online MTF
calculator.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BLF989E (SOT539AN)
1
drain1 (peak)
2
drain2 (main)
3
gate1 (peak)
4
gate2 (main)
5source
[1]
BLF989ES (SOT539BN)
1
drain1 (peak)
2
drain2 (main)
3
gate1 (peak)
4
gate2 (main)
5source
[1]
5
12
4
3
4
3
5
1
2
sym117
5
12
4
3
4
3
5
1
2
sym117
Table 3.
Ordering information
Package name
Orderable part number
12NC
Packing description
Min. orderable
quantity (pieces)
SOT539AN
BLF989EU
9349 602 21112
Tray, 20-fold; non-dry pack
60
SOT539BN
BLF989ESU
9349 602 22112 Tray, 20-fold; non-dry pack
60
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS(amp)main
main amplifier drain-source voltage
-
108
V
VDS(amp)peak
peak amplifier drain-source voltage
-
108
V
VGS(amp)main
main amplifier gate-source voltage
6+11
V
VGS(amp)peak
peak amplifier gate-source voltage
6+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -225
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12