| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMM764FCR2 bảng dữ liệu(PDF) 30 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMM764FCR2 bảng dữ liệu(HTML) 30 Page - Summit Microelectronics, Inc. |
|
30 / 33 page ![]() SMM764 Preliminary Information Summit Microelectronics, Inc 2098 1.1 6/29/2005 30 PART MARKING ORDERING INFORMATION SUMMIT SMM764F AYYWW Pin 1 Annn Summit Part Number Date Code (YYWW) Part Number suffix (Contains Customer specific ordering requirements) Lot tracking code (Summit use) Drawing not to scale xx Status Tracking Code (Blank, MS, ES, 01, 02,...) (Summit Use) Product Tracking Code (Summit use) SMM764 F Package F=48 Lead TQFP Summit Part Number Specific requirements are contained in the suffix such as Hex code, Hex code revision, etc. The calibrated VREF voltage settings are standard values of: 1.024, 1.225, 1.250, 2.048, 2.500, 3.000 or 3.300 nnn Part Number Suffix (see page 28) C Temp Range C=Commercial Blank=Industrial |