| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMS44 bảng dữ liệu(PDF) 6 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMS44 bảng dữ liệu(HTML) 6 Page - Summit Microelectronics, Inc. |
|
6 / 16 page ![]() 6 SMS44 2047 2.3 10/23/00 SUMMIT MICROELECTRONICS, Inc. A1, A2 A1 and A2 are the address inputs. When addressing the SMS44 memory or configuration registers the address inputs distinguish which one of four possible devices sharing the common bus is being addressed. SDA SDA is the serial data input/output pin. It should be tied to VCC through a pull-up resistor. SCL SCL is the serial clock input. It should be tied to VCC through a pull-up resistor. Figure 4. Watchdog, Longdog and WLDI Timing IRQ# RESET# WLDI t0 t0 t0 tPRTO tPLDTO 2047 Fig04 1.0 Figure 3. Watchdog, Longdog and WLDI Timing IRQ# RESET# tPLDTO WLDI t0 t0 t0 t0 t0 tPRTO tPWDTO tPLDTO 2047 Fig03 1.0 |