| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMM465FCR02 bảng dữ liệu(PDF) 8 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMM465FCR02 bảng dữ liệu(HTML) 8 Page - Summit Microelectronics, Inc. |
|
8 / 30 page ![]() SMM465 Preliminary Information Summit Microelectronics, Inc 2085 1.1 05/27/04 8 DC OPERATING CHARACTERISTICS (CONTINUED) (Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.) Symbol Parameter Notes Min Typ Max Unit VOL Programmable Open Drain Outputs (RST, HEALTHY, FAULT, PUPx) ISINK = 1mA 0 0.4 V IOL Output Low Current Note – Total ISINK from all PUPx pins should not exceed 3mA or ADOCACC specification will be affected 0 1.0 mA VSENSE Positive Sense Voltage VM pin +0.3 VDD_CAP V VMonitor Monitor Threshold Step Size VM, AIN1/AIN2 pins 5 mV Commercial Temp Range -3 +3 oC TSA Internal Temperature Sensor Accuracy Industrial Temp Range -5 +5 oC TMonitor Temperature Threshold Step Size Internal Temp Sensor 0.25 oC VREF Internal 1.25VREF Output Voltage 1.24 1.25 1.26 V –40 °C to +85°C -0.25 +0.25 % VREF TC Internal VREF Temperature Coefficient –5 °C to +70°C -0.15 +0.15 % VREF ACC Internal VREF Accuracy -0.4 +0.4 % Ext VREF External VREF Voltage Range 0.5 VDD_CAP V External VREF=1.25V, ±0.1%, Total PUPx ISINK < 3ma, VSENSE ≤ 3.5V -0.2 ±0.1 +0.2 % External VREF=1.25V, ±0.1%, Total PUPx ISINK < 3ma, VSENSE ≥ 3.5V -0.5 ±0.3 +0.5 % ADOCACC ADOC/Margin Accuracy Internal VREF=1.25V, Total PUPx ISINK < 3ma -0.5 ±0.3 +0.5 % VOUT_VALID Minimum Output Valid Voltage VDD_CAP voltage at which the PUP, RST, HEALTHY and FAULT outputs are valid 1 V VDD_CAP Rising 2.6 V UVLO Under Voltage Lockout Threshold 1 VDD_CAP Falling 2.5 V Note 1 - (100mV typ Hysteresis) |