công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB8107H0706 bảng dữ liệu(PDF) 2 Page - Pepperl+Fuchs Inc.

tên linh kiện LB8107H0706
Giải thích chi tiết về linh kiện  Com Unit for MODBUS RTU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PF [Pepperl+Fuchs Inc.]
Trang chủ  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB8107H0706 bảng dữ liệu(HTML) 2 Page - Pepperl+Fuchs Inc.

  LB8107H0706 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB8107H0706 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB8107H0706 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LB8107H0706 Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Baud rate
max. 38.4 kBit/s
Number of stations per bus line
max. 245 (MODBUS), max. 119 (service bus)
Number of channels per station
max. 80 analog, max. 184 digital (standard configuration)
Number of stations per bus segment
max. 31 (RS-485 standard)
Number of repeaters between Master and
Slave
max. 3
Supported I/O modules
all LB remote I/O modules
Bus length
max. 1200 m (FOL, 38.4 kBd),
max. 1200 m (copper cable, 38.4 kBd)
FOL (fiber optic link)
additional hardware required
Addressing
via configuration software
MODBUS address
standard compliant
(factory standard setting: 126)
Service bus address
max. 119 , redundancy address = base + 128 (automatic)
HART communication
via service bus
Redundancy
system dependent
Internal bus
Connection
backplane bus
Redundancy
via backplane
Indicators/settings
LED indication
LED P: (power supply): On = operating, fast flash = cold start
LED 1: (collective alarm): On = internal fault, flashing = no fieldbus connection
LED 2: (operating mode): flashing 1 (1:1 ratio) = active, normal operation; flashing 2
(7:1 ratio) = active, simulation
LED 3: (status fieldbus): flashing = fieldbus receive channel active
LED 4: (status fieldbus): flashing = fieldbus response channel active
LED 5: (status service bus): flashing = service bus receive channel active
LED 6: (status service bus): flashing = service bus response channel active
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1
Conformity
Electromagnetic compatibility
NE 21
Degree of protection
IEC 60529
Fieldbus standard
IEC 61158-2
Environmental test
EN 60068-2-14
Shock resistance
EN 60068-2-27
Vibration resistance
EN 60068-2-6
Damaging gas
EN 60068-2-42
Relative humidity
EN 60068-2-56
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Storage temperature
-25 ... 85 °C (-13 ... 185 °F)
Relative humidity
95 % non-condensing
Shock resistance
shock type I, shock duration 11 ms, shock amplitude 15 g, number of shocks 18
Vibration resistance
frequency range 10 ... 150 Hz; transition frequency: 57.56 Hz, amplitude/acceleration
± 0.075 mm/1 g; 10 cycles
frequency range 5 ... 100 Hz; transition frequency: 13.2 Hz amplitude/acceleration ± 1
mm/0.7 g; 90 minutes at each resonance
Damaging gas
designed for operation in environmental conditions acc. to ISA-S71.04-1985, severity
level G3
Mechanical specifications
Degree of protection
IP20 (module) , mounted on backplane
Connection
via backplane
Mass
approx. 120 g
Dimensions
32.5 x 100 x 102 mm (1.28 x 3.9 x 4 inch)
Data for application in connection with hazardous areas
Certificate
PF 08 CERT 1234 X
Com Unit for MODBUS RTU
LB8107H0706
2
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com