| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LL5235B bảng dữ liệu(PDF) 2 Page - First Components International |
|
|
|||||||||||||||||||||||||||||
LL5235B bảng dữ liệu(HTML) 2 Page - First Components International |
|
2 / 2 page ![]() Data Sheet ½Watt ZENER DIODES (2.4V to 62V) °C NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix A. For 5% Tolerance, Specify Suffix B. (Example: LL5230B = 4.7V +/- 5%) 2. T A = 25 unless otherwise specified. Measurements made at Thermal Equilibrium. Nominal Zener Voltage Test Current I ZT (mA) Max. Zener Impedance Max. Reverse Leakage Current @ V R Temp. Coeff. of V Z (% / o C) Z ZT @ IZT (Ω) Z ZK @ IZK = 0.25mA (Ω) Part # I R (µA) V R (V) Max. Zener Voltage Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V F = 1.1V Max. @ IF = 200mA °C Electrical Characteristics @ 25OC. LL5221A or B LL5222A or B LL5223A or B LL5224A or B LL5225A or B LL5226A or B LL5227A or B LL5228A or B LL5229A or B LL5230A or B LL5231A or B LL5232A or B LL5233A or B LL5234A or B LL5235A or B LL5236A or B LL5237A or B LL5238A or B LL5239A or B LL5240A or B LL5241A or B LL5242A or B LL5243A or B LL5244A or B LL5245A or B LL5246A or B LL5247A or B LL5248A or B LL5249A or B LL5250A or B LL5251A or B LL5252A or B LL5253A or B LL5254A or B LL5255A or B LL5256A or B LL5257A or B LL5258A or B LL5259A or B LL5260A or B LL5261A or B LL5262A or B LL5263A or B LL5264A or B LL5265A or B 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 100 100 75 75 50 25 15 10 5 5 5 5 5 5 5 3 3 3 3 3 2 1 .5 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 .1 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 15 16 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 -0.085 -0.085 -0.08 -0.08 -0.075 -0.07 -0.065 -0.06 +/- 0.055 +/- 0.03 +/- 0.03 + 0.038 + 0.038 + 0.045 + 0.050 + 0.058 + 0.062 + 0.065 + 0.068 + 0.075 + 0.076 + 0.077 + 0.079 + 0.082 + 0.082 + 0.083 + 0.084 + 0.085 + 0.086 + 0.086 + 0.087 + 0.088 + 0.089 + 0.090 + 0.091 + 0.091 + 0.092 + 0.093 + 0.094 + 0.095 + 0.095 + 0.096 + 0.096 + 0.097 + 0.097 Page 10-47 |