| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5607BAVLL6R bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5607BAVLL6R bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 114 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 10 Block diagram NXP Semiconductors 4 2 Block diagram Figure 1 shows a top-level block diagram of the MPC5607B. 32 KHz oscillator Yes GPIO10 77 121 149 121 149 Debug JTAG N2+ Package 100 LQFP 144 LQFP 176 LQFP 144 LQFP 176 LQFP 176 LQFP 208 MAP BGA11 1 Feature set dependent on selected peripheral multiplexing; table shows example 2 Based on 125 °C ambient operating temperature 3 Not shared with 12-bit ADC, but possibly shared with other alternate functions 4 Not shared with 10-bit ADC, but possibly shared with other alternate functions 5 See the eMIOS section of the chip reference manual for information on the channel configuration and functions. 6 Each channel supports a range of modes including Modulus counters, PWM generation, Input Capture, Output Compare. 7 Each channel supports a range of modes including PWM generation with dead time, Input Capture, Output Compare. 8 Each channel supports a range of modes including PWM generation, Input Capture, Output Compare, Period and Pulse width measurement. 9 Each channel supports a range of modes including PWM generation, Input Capture, and Output Compare. 10 Maximum I/O count based on multiplexing with peripherals 11 208 MAPBGA available only as development package for Nexus2+ Table 1. MPC5607B family comparison1 (continued) Feature MPC5605B MPC5606B MPC5607B |