công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5607BAMLL4R bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện MPC5607BAMLL4R
Giải thích chi tiết về linh kiện  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 7Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 8Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 9Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 10Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 11Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 12Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 13Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 14Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
Package pinouts and signal descriptions
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
11
Figure 5. 208 MAPBGA configuration
3.2
Pad configuration during reset phases
All pads have a fixed configuration under reset.
During the power-up phase, all pads are forced to tristate.
After power-up phase, all pads are tristate with the following exceptions:
•
PA[9] (FAB) is pull-down. Without external strong pull-up the device starts fetching from flash.
•
PA[8], PC[0] and PH[9:10] are in input weak pull-up when out of reset.
•
RESET pad is driven low by the device till 40 FIRC clock cycles after phase2 completion.
Minimum phase3 duration is 40 FIRC cycles.
•
Nexus output pads (MDO[n], MCKO, EVTO, MSEO) are forced to output.
1
234
5678
9
10
11
12
13
14
15
16
A
PC[8]
PC[13]
PH[15]
PJ[4]
PH[8]
PH[4]
PC[5]
PC[0]
PI[0]
PI[1]
PC[2]
PI[4]
PE[15]
PH[11]
NC
NC
A
B
PC[9]
PB[2]
PH[13]
PC[12]
PE[6]
PH[5]
PC[4]
PH[9]
PH[10]
PI[2]
PC[3]
PG[11]
PG[15]
PG[14]
PA[11]
PA[10]
B
C
PC[14]
VDD_HV
PB[3]
PE[7]
PH[7]
PE[5]
PE[3]
VSS_LV
PC[1]
PI[3]
PA[5]
PI[5]
PE[14]
PE[12]
PA[9]
PA[8]
C
D
PH[14]
PI[6]
PC[15]
PI[7]
PH[6]
PE[4]
PE[2]
VDD_LV
VDD_HV
NC
PA[6]
PH[12]
PG[10]
PF[14]
PE[13]
PA[7]
D
E
PG[4]
PG[5]
PG[3]
PG[2]
PG[1]
PG[0]
PF[15]
VDD_HV
E
F
PE[0]
PA[2]
PA[1]
PE[1]
PH[0]
PH[1]
PH[3]
PH[2]
F
G
PE[9]
PE[8]
PE[10]
PA[0]
VSS_HV
VSS_HV
VSS_HV
VSS_HV
VDD_HV
PI[12]
PI[13]
MSEO
G
H
VSS_HV
PE[11]
VDD_HV
NC
VSS_HV
VSS_HV
VSS_HV
VSS_HV
MDO3
MDO2
MDO0
MDO1
H
J
RESET
VSS_LV
NC
NC
VSS_HV
VSS_HV
VSS_HV
VSS_HV
PI[8]
PI[9]
PI[10]
PI[11]
J
K
EVTI
NC
VDD_BV
VDD_LV
VSS_HV
VSS_HV
VSS_HV
VSS_HV
VDD_HV
_ADC1
PG[12]
PA[3]
PG[13]
K
L
PG[9]
PG[8]
NC
EVTO
PB[15]
PD[15]
PD[14]
PB[14]
L
M
PG[7]
PG[6]
PC[10]
PC[11]
PB[13]
PD[13]
PD[12]
PB[12]
M
N
PB[1]
PF[9]
PB[0]
VDD_HV
PJ[0]
PA[4]
VSS_LV
EXTAL
VDD_HV
PF[0]
PF[4]
VSS_HV
_ADC1
PB[11]
PD[10]
PD[9]
PD[11]
N
P
PF[8]
PJ[3]
PC[7]
PJ[2]
PJ[1]
PA[14]
VDD_LV
XTAL
PB[10]
PF[1]
PF[5]
PD[0]
PD[3]
VDD_HV
_ADC0
PB[6]
PB[7]
P
R
PF[12]
PC[6]
PF[10]
PF[11]
VDD_HV
PA[15]
PA[13]
PI[14]
XTAL32
PF[3]
PF[7]
PD[2]
PD[4]
PD[7]
VSS_HV
_ADC0
PB[5]
R
T
NC
NC
NC
MCKO
NC
PF[13]
PA[12]
PI[15]
EXTAL
32
PF[2]
PF[6]
PD[1]
PD[5]
PD[6]
PD[8]
PB[4]
T
1
234
5678
9
10
11
12
13
14
15
16
NOTE: The 208 MAPBGA is available only as development package for Nexus 2+.
NC
= Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More