công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFAMMM1R bảng dữ liệu(PDF) 76 Page - NXP Semiconductors

tên linh kiện SPC5643LFAMMM1R
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMMM1R bảng dữ liệu(HTML) 76 Page - NXP Semiconductors

Back Button SPC5643LFAMMM1R Datasheet HTML 72Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 73Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 74Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 75Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 76Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 77Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 78Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 79Page - NXP Semiconductors SPC5643LFAMMM1R Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
76
3
Electrical characteristics
3.1
Introduction
This section contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications for this device.
This device is designed to operate at 120 MHz. The electrical specifications are preliminary and are from previous designs,
design simulations, or initial evaluation. These specifications may not be fully tested or guaranteed at this early stage of the
product life cycle. Finalized specifications will be published after complete characterization and device qualifications have been
completed.
The “Symbol” column of the electrical parameter and timings tables contains an additional column containing “SR”, “CC”, “P”,
“C”, “T”, or “D”.
•
“SR” identifies system requirements—conditions that must be provided to ensure normal device operation. An
example is the input voltage of a voltage regulator.
•
“CC” identifies controller characteristics—indicating the characteristics and timing of the signals that the chip
provides.
•
“P”, “C”, “T”, or “D” apply only to controller characteristics—specifications that define normal device operation.
They specify how each characteristic is guaranteed.
— P: parameter is guaranteed by production testing of each individual device.
— C: parameter is guaranteed by design characterization. Measurements are taken from a statistically relevant
sample size across process variations.
— T: parameter is guaranteed by design characterization on a small sample size from typical devices under typical
conditions unless otherwise noted. All values are shown in the typical (“typ”) column are within this category.
— D: parameters are derived mainly from simulations.
3.2
Absolute maximum ratings
Table 8. Absolute maximum ratings1
Symbol
Parameter
Conditions
Min
Max
Unit
VDD_HV_REG
SR
3.3 V voltage regulator supply voltage
—
–0.3
3.632, 3
V
VDD_HV_IOx
SR
3.3 V input/output supply voltage
—
–0.3
3.632, 3
V
VSS_HV_IOx
SR
Input/output ground voltage
—
–0.1
0.1
V
VDD_HV_FLA
SR
3.3 V flash supply voltage
—
–0.3
3.632, 3
V
VSS_HV_FLA
SR
Flash memory ground
—
–0.1
0.1
V
VDD_HV_OSC
SR
3.3 V crystal oscillator amplifier supply
voltage
—–0.3
3.632, 3
V
VSS_HV_OSC
SR
3.3 V crystal oscillator amplifier reference
voltage
—–0.1
0.1
V
VDD_HV_ADR0
3,4
VDD_HV_ADR1
SR
3.3 V / 5.0 V ADC_0 high reference voltage
3.3 V / 5.0 V ADC_1 high reference voltage
—–0.3
6.0
V
VSS_HV_ADR0
VSS_HV_ADR1
SR
ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—–0.1
0.1
V
VDD_HV_ADV
SR
3.3 V ADC supply voltage
—
–0.3
3.632, 3
V
VSS_HV_ADV
SR
3.3 V ADC supply ground
—
–0.1
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com