công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33772ASP5 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện PC33772ASP5
Giải thích chi tiết về linh kiện  Battery cell controller IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PC33772ASP5 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button PC33772ASP5 Datasheet HTML 2Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 3Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 4Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 5Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 6Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 7Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 8Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 9Page - NXP Semiconductors PC33772ASP5 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
NXP Semiconductors
33772
VANA power supply
VANA
VANA Output Voltage (NOT USED BY EXTERNAL CIRCUITS)
• Decouple with 47 nF X7R 0603 or 0402
2.65
V
VANA(UV)
VANA Undervoltage Fault Threshold
2.4
V
VANA_HYS
VANA Undervoltage Hysteresis
50
mV
tVANA(FLT_TIMER) VANA Undervoltage Fault Timer
11
μs
VANA (OV)
VANA Overvoltage Fault Threshold
2.8
V
tVANA(RETRY)
VANA Fault Retry Timer
10
ms
RVANA_RPD
VANA Sleep Mode Pull-down Resistor
1.0
k
Ω
ADC1-A, ADC1-B
CTn(LEAKAGE)
Cell Terminal Input Leakage Current
10
nA
CTn(FV)
Cell Terminal Input Current - Functional Verification
1.0
mA
CTN
Cell Terminal Input Current During Conversion
100
nA
RPD
Cell Terminal Open Load Detection Pull-down Resistor
950
Ω
VVPWR_RES
VPWR Terminal Measurement Resolution
2.4415
mV/LSB
VCT_ANx_RES
Cell Voltage and ANx Resolution in 15-bits MEAS_xxxx registers
152.5925
μV/LSB
tVCONV
Single Channel Net Conversion Time
• 16-Bit Resolution
25.36
μs
VV_NOISE
• 16-Bit Resolution
400
μVrms
ADC2/current sense module
IISENSE_OL
ISENSE Open Load injected current
130
μA
VISENSE_OL
ISENSE Open Load detection threshold
460
mV
V2RES
ADC Resolution
0.6
μV/LSB
VPGA_SAT
PGA saturation half-range
• Gain = 256
• Gain = 64
• Gain = 16
• Gain = 4
4.9
19.5
78.1
150.0
mV
VPGA_ITH
Voltage threshold for PGA gain increase
• Gain = 256
• Gain = 64
• Gain = 16
• Gain = 4
-
2.344
9.375
37.50
mV
VPGA_DTH
Voltage threshold for PGA gain decrease
• Gain = 256
• Gain = 64
• Gain = 16
• Gain = 4
4.298
17.188
68.750
-
mV
tPGA_SETTLE
PGA settling time after a chopper event
14.0
μs
tICONV
ADC Conversion Time including PGA settling time
• 16-Bit Resolution
37.67
μs
VI_NOISE
Noise at 16-bit Conversion
3.01
μVrms
Table 3. Key parameters (continued)
Characteristics noted under SPI mode conditions 5.0 V
≤ VPWR ≤ 30 V, TPL mode: 7.0 V ≤ VPWR ≤ 30 V, -40 °C ≤ TA ≤ 125 °C,
GND = 0 V, unless otherwise stated. Typical values refer to VPWR = 24 V, TA = 25 °C, unless otherwise noted.
Before starting any development, it is recommended to request a copy of the full 33772 data sheet.
Symbol
Characteristic
Typ.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com