công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33772ATP3 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện PC33772ATP3
Giải thích chi tiết về linh kiện  Battery cell controller IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PC33772ATP3 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  PC33772ATP3 Datasheet HTML 1Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 2Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 3Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 4Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 5Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 6Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 7Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 8Page - NXP Semiconductors PC33772ATP3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
NXP Semiconductors
33772
Figure 4. 33772 pinout diagram
Table 2. 33772 pin definitions
Pin number
Pin name
Definition
Pin number
Pin name
Definition
1
VPWR2
Power input to the 33772
17
CT_2
Cell pin 2 input. Terminate to LPF resistor
2
VPWR1
Power input to the 33772
18
CB_2
Cell balance driver. Terminate to cell 2 cell
balance load resistor
3FAULT
Fault output dependent on user defined internal
or external faults. If not used, it must be left open.
19
CB_2:1_C
Cell Balance 2:1 common. Terminate to cell 2 &
1 common pin
4VPRE
Pre-regulator voltage. Connect to a 470 nF
capacitor
20
CB_1
Cell balance driver. Terminate to cell 1 cell
balance load resistor
5
VCP
Charge pump capacitor. Connect to a 10 nF
21
CT_1
Cell pin 1 input. Terminate to LPF resistor
6
GNDCP
Charge pump capacitor ground
22
CT_REF
Cell pin REF input. Terminate to LPF resistor
7
CT_6
Cell pin 6 input. Terminate to LPF resistor
23
SPI_COM_EN
SPI communication enable, pin must be high for
SPI to be active.
8CB_6
Cell balance driver. Terminate to cell 6 cell
balance load resistor
24
RESET
RESET is an active high input. RESET has an
internal pull-down. If not used, it can be tied to
GND.
9
CB_6:5_C
Cell balance 6:5 common. Terminate to cell 6 &
5 common pin
25
SDA
I2C data
10
CB_5
Cell balance driver. Terminate to cell 5 cell
balance load resistor
26
SCL
I2C clock
11
CT_5
Cell pin 5 input. Terminate to LPF resistor
27
SO
SPI serial output
12
CT_4
Cell pin 4 input. Terminate to LPF resistor
28
VDDIO
IO voltage for I2C and SPI interfaces. Voltage
level corresponding to Logic 1 are the same as
VDDIO
13
CB_4
Cell balance driver. Terminate to cell 4 cell
balance load resistor
29
CSB
SPI chip select
14
CB_4:3_C
Cell balance 4:3 common. Terminate to cell 4 &
3 common pin
30
VCOM
Communication regulator output, decouple with
2.2
μF ceramic
15
CB_3
Cell balance driver. Terminate to cell 3 cell
balance load resistor
31
CGND
Communication decoupling ground, terminate to
GNDSUB
16
CT_3
Cell pin 3 input. Terminate to LPF resistor
32
RDTX_OUT-
Receive/transmit output negative
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
36
35
34
33
VPWR2
VPWR1
CT_6
CB_6
CB_6:5_C
CB_5
CT_5
CT_4
RDTX_OUT+
SI/RDTX_IN+
SCLK/RDXT_IN-
RDTX_OUT-
CGND
VCOM
SO
CSB
FAULT
SDA
SCL
AN1/GPIO1
Transparent Top View
48
GNDFLAG
VPRE
VCP
GNDCP
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com