công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB5926CT-I/KD bảng dữ liệu(PDF) 57 Page - Microchip Technology

tên linh kiện USB5926CT-I/KD
Giải thích chi tiết về linh kiện  6-Port USB 3.2 Gen 1 SmartHub with Support for Multiple USB Type-C짰 UFP and DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5926CT-I/KD bảng dữ liệu(HTML) 57 Page - Microchip Technology

Back Button USB5926CT-I/KD Datasheet HTML 53Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 54Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 55Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 56Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 57Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 58Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 59Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 60Page - Microchip Technology USB5926CT-I/KD Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003190C-page 55
USB5926C
11.0 PACKAGE INFORMATION
11.1 Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend: i
Temperature range designator (Blank = commercial, i = industrial)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
100-VQFN (12x12 mm)
PIN 1
 
USB5926i
Rnnn e3
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66