công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB5926C/KD bảng dữ liệu(PDF) 24 Page - Microchip Technology

tên linh kiện USB5926C/KD
Giải thích chi tiết về linh kiện  6-Port USB 3.2 Gen 1 SmartHub with Support for Multiple USB Type-C짰 UFP and DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5926C/KD bảng dữ liệu(HTML) 24 Page - Microchip Technology

Back Button USB5926C/KD Datasheet HTML 20Page - Microchip Technology USB5926C/KD Datasheet HTML 21Page - Microchip Technology USB5926C/KD Datasheet HTML 22Page - Microchip Technology USB5926C/KD Datasheet HTML 23Page - Microchip Technology USB5926C/KD Datasheet HTML 24Page - Microchip Technology USB5926C/KD Datasheet HTML 25Page - Microchip Technology USB5926C/KD Datasheet HTML 26Page - Microchip Technology USB5926C/KD Datasheet HTML 27Page - Microchip Technology USB5926C/KD Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003190C-page 23
USB5926C
4.0
DEVICE CONNECTIONS
4.1
Power Connections
Figure 4-1 illustrates the device power connections.
4.2
SPI ROM Connections
Figure 4-2 illustrates the device SPI ROM connections. Refer to
Section 7.1 “SPI Master Interface” for additional infor-
mation on this device interface.
4.3
SMBus Slave Connections
Figure 4-3 illustrates the device SMBus slave connections. Refer to
Section 7.2 “SMBus Slave Interface” for addi-
tional information on this device interface.
FIGURE 4-1:
DEVICE POWER CONNECTIONS
FIGURE 4-2:
SPI ROM CONNECTIONS
FIGURE 4-3:
SMBUS SLAVE CONNECTIONS
+3.3V
Supply
USB5926C
3.3V Internal Logic
VDD33
VSS
1.2V Internal Logic
+1.2V
Supply
VDD12
USB5926C
SPI_CE_N
SPI_CLK
SPI_DO
SPI_DI
SPI ROM
CE#
CLK
DI
DO
+3.3V
USB5926C
SMCLK
SMDAT
SMBus
Master
Clock
Data
10K
+3.3V
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66