| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP302CT bảng dữ liệu(PDF) 12 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP302CT bảng dữ liệu(HTML) 12 Page - Sipex Corporation |
|
12 / 18 page ![]() Corporation SIGNAL PROCESSING EXCELLENCE 62 Two-Channel Duplex RS-232 & One-Channel Duplex RS-422 Opposite Drivers Two RS-232 line drivers and receivers, and a single RS-422 line driver and receiver. At first glance, this is the same configuration in Figure 7. Note however that functions are activated on the opposite channels. Two-Channel Duplex RS-422 Two RS-422 line drivers and two RS-422 receivers. FIGURE 8: SP302 CONFIGURATIONS RIA1 ROA1 TOA1 TIA1 RS-422 LINE DRIVERS RS-422 RECEIVERS TOA2 RIA2 RIB1 ROB1 RIB2 TOB1 TIB1 TOB2 SELECT A = 1 SELECT B = 1 LB = 1 RIB1 ROB1 TOB1 TIB1 RIA1 ROA1 TOA1 TIA1 RS-232 LINE DRIVERS RS-232 RECEIVER TOA2 RIA2 TOB2 TIB2 RIB2 ROB2 SELECT A = 1 SELECT B = 0 LB = 1 RS-422 LINE DRIVER RS-422 RECEIVER |