| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP302CS bảng dữ liệu(PDF) 10 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP302CS bảng dữ liệu(HTML) 10 Page - Sipex Corporation |
|
10 / 18 page ![]() Corporation SIGNAL PROCESSING EXCELLENCE 60 One-Channel Full Duplex RS-232 & One-Channel Full Duplex RS-422 Opposite Drivers A single RS-232 line driver and receiver, and a single RS-422 line driver and receiver. At first glance, this is the same configuration as that in Figure 5. Note however that functions are acti- vated on the opposite channels as that of those in Figure 1b. Two-Channel Full Duplex RS-422 Two RS-422 line drivers and two RS-422 receivers. FIGURE 6: SP301 CONFIGURATIONS RIA1 ROA TOA1 TIA RIB1 ROB TOB1 TIB RS-422 LINE DRIVER & RECEIVER RS-232 LINE DRIVER & RECEIVER TOA2 RIA2 SELECT A = 1 SELECT B = 0 LB = 1 RIA1 ROA TOA1 TIA RS-422 LINE DRIVERS RS-422 RECEIVERS SELECT A = 1 SELECT B = 1 LB = 1 TOA2 RIA2 RIB1 ROB RIB2 TOB1 TIB TOB2 |