| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC591 bảng dữ liệu(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC591 bảng dữ liệu(HTML) 49 Page - Analog Devices |
|
49 / 145 page ![]() Rev. A | Page 49 of 145 | April 2022 ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 GPIO MULTIPLEXING 400-BALL LOW PERIPHERAL COUNT (LPC) BGA PACKAGE Table 22 through Table 24 identify the pin functions that are multiplexed on the GPIO pins of the 400-ball LPC BGA package. This GPIO multiplexing scheme is identical to that of the ADSP-21566, ADSP-21567, and ADSP-21569 processors. Table 22. ADSP-2159x Signal Multiplexing for Port A Signal Name Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 Multiplexed Function Input Tap PA_00 SPI2_MISO OSPI0_MISO PA_01 SPI2_MOSI OSPI0_MOSI PA_02 SPI2_D2 OSPI0_D2 TWI3_SCL TM0_ACLK03 PA_03 SPI2_D3 OSPI0_D3 TWI3_SDA PA_04 SPI2_CLK OSPI0_CLK PA_05 SPI2_SEL1 OSPI0_SEL1 SPI2_SS PA_06 SPI0_CLK UART0_TX OSPI0_D4 TM0_ACLK01 PA_07 SPI0_MISO UART0_RX OSPI0_D5 TM0_ACI00 PA_08 SPI0_MOSI UART0_RTS OSPI0_D6 TM0_ACLK02 PA_09 SPI0_SEL1 UART0_CTS OSPI0_D7 SPI0_SS PA_10 TWI0_SCL SPI1_CLK TM0_TMR00 PA_11 TWI0_SDA SPI1_MISO HADC0_EOC_DOUT TM0_ACI04 PA_12 C1_FLG00 SPI1_MOSI TM0_TMR01 PA_13 C1_FLG01 SPI1_SEL1 TM0_TMR02 SPI1_SS PA_14 TWI2_SCL SPI1_D2 UART1_RX TM0_ACI01 PA_15 TWI2_SDA SPI1_D3 UART1_TX Table 23. ADSP-2159x Signal Multiplexing for Port B Signal Name Multiplexed Function 0 Multiplexed Function 1 Multiplexed Function 2 Multiplexed Function 3 Multiplexed Function Input Tap PB_00 MLB0_DAT TWI1_SCL UART1_RTS TM0_ACI03 PB_01 MLB0_SIG TWI1_SDA UART1_CTS TM0_CLK PB_02 MLB0_CLK C1_FLG03 LP1_ACK TM0_ACLK04 PB_03 TM0_TMR03 C1_FLG02 SPI2_SEL2 CNT0_UD PB_04 TM0_TMR04 SPI1_RDY LP0_ACK CNT0_ZM PB_05 TM0_TMR05 SPI2_RDY SPI0_SEL2 CNT0_DG PB_06 LP0_CLK SPI1_SEL5 TRACE0_CLK PB_07 LP0_D0 SPI2_SEL5 TRACE0_D00 PB_08 LP0_D1 SPI1_SEL7 TM0_TMR06 TRACE0_D01 PB_09 LP0_D2 SPI2_SEL7 TM0_TMR07 TRACE0_D02 PB_10 LP0_D3 SPI1_SEL2 TRACE0_D03 PB_11 LP0_D4 SPI0_RDY UART2_RX TM0_ACI02 PB_12 LP0_D5 SPI2_SEL3 UART2_TX PB_13 LP0_D6 SPI1_SEL3 OSPI0_DQS UART2_RTS PB_14 LP0_D7 SPI0_SEL3 UART2_CTS PB_15 LP1_D0 SPI0_SEL4 |