| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADSP-SC595 bảng dữ liệu(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP-SC595 bảng dữ liệu(HTML) 58 Page - Analog Devices |
|
58 / 134 page ![]() ADSP-SC595/SC596/SC598 Preliminary Technical Data Rev. PrD | Page 58 of 134 | May 2022 PH_08 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 8 | EMAC0 Receive Data Valid | TRACE0 Trace D13 Notes: See note2 PH_09 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 9 | EMAC0 Transmit Data D0 | TRACE0 Trace D14 Notes: See note2 PH_10 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 10 | EMAC0 Transmit Data D1 | TRACE0 Trace D15 Notes: See note2 PH_11 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 11 | EMAC0 Receive Data D2 Notes: See note2 PH_12 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 12 | EMAC0 Receive Data D3 Notes: See note2 PH_13 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 13 | EMAC0 Transmit Enable Notes: See note2 PH_14 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 14 | EMAC0 Transmit Clock Notes: See note2 PH_15 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTH Position 15 | EMAC0 Transmit Data D2 Notes: See note2 PI_00 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTI Position 0 | EMAC0 Transmit Data D3 Notes: See note2 PI_01 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTI Position 1 | EMAC0 PTP Clock Input 0 | SHARC2 Core Flag 0 | TWI3 Clock Notes: See note2 PI_02 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTI Position 2 | EMAC0 PTP Aux or MCG Input 0 | SHARC2 Core Flag 1 | TWI3 Data Notes: See note2 PI_03 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTI Position 3 | EMAC0 Pulse Per Second Output | SHARC1 Core Flag 4 | TWI1 Clock Notes: See note2 PI_04 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTI Position 4 | EMAC0 Pulse Per Second Output | SHARC1 Core Flag 5 | TWI1 Data Notes: See note2 PI_05 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTI Position 5 | EMAC0 Pulse Per Second Output | OSPI0 Slave Select Output 2 | SHARC1 Core Flag 15 | TIMER0 Alternate Clock 2 Notes: See note2 PI_06 InOut A Programmable pull-up/pull-down1 None None VDD_EXT Desc: PORTI Position 6 | EMAC0 Pulse Per Second Output | TIMER0 Alternate Clock 14 | EMSI0 LED Control Notes: See note2 Table 21. ADSP-SC595/SC596/SC598 Designer Quick Reference (Continued) Signal Name Type Driver Type Internal Termination Reset Termination Reset Drive Power Domain Description and Notes |