| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDTC144TK bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC144TK bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 14 page ![]() 2004 Aug 05 11 Philips Semiconductors Product specification PNP resistor-equipped transistors; R1 = 47 k Ω, R2 = open PDTA144T series UNIT bp cD E e1 HE Lp w v REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE 98-10-23 IEC JEDEC EIAJ mm 0.33 0.23 0.2 0.1 1.7 1.5 0.95 0.75 0.5 e 1.0 1.7 1.5 0.1 0.1 DIMENSIONS (mm are the original dimensions) 0.5 0.3 SOT490 SC-89 bp D e1 e A Lp detail X HE E w M v M A B A B 0 1 2 mm scale A 0.8 0.6 c X 12 3 Plastic surface mounted package; 3 leads SOT490 |