| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLS32AIA010MS bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
SLS32AIA010MS bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG |
|
21 / 40 page ![]() Datasheet 21 Revision 3.10 2020-09-24 OPTIGA™ Trust M Error! Bookmark not defined. ty name. MERGEFORMAT 2019 Connecting to Host e \* MERGEF2020-09-24 Error! Bookmark not defined. property name.ry Figure 11 Release Package Folder Structure <INSTALLDIR> is the root directory to which the release package contents are extracted. The following section explains the contents of each subdirectory under installed directory: 1. binaries This directory contains binaries for OPTIGA™ Trust M sample application. 2. certificates This directory contains OPTIGA™ Trust M Test CA certificates. 3. documents This directory contains all relevant OPTIGA™ Trust M documentation. 4. examples This directory contains example usecases for Toolbox features and a tool for generation of manifest for secure update of data and key object feature. 5. externals This directory contains mbedtls software crypto libraries. 6. optiga This directory contains OPTIGA™ Trust M libraries. 7. pal This directory contains PAL for XMC4800 device and for mbedtls. 8. projects This directory contains XMC4800 device sample project in DAVE™ workspace. Further the following figure elaborates the OPTIGA™ Trust M Host Software folder structure. |