| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSK707 bảng dữ liệu(PDF) 1 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK707 bảng dữ liệu(HTML) 1 Page - M.S. Kennedy Corporation |
|
1 / 6 page ![]() 4707 Dey Road Liverpool, N.Y. 13088 M.S.KENNEDY CORP. (315) 701-6751 FEATURES: 707 ISO-9001 CERTIFIED BY DSCC ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER Very Fast Setting Time - 10nS to 0.1% Typical Very Fast Slew Rate - 4500 V/µS Typical Unity Gain Bandwidth - 220 MHz Typical Low Noise - 0.15uVrms Typical (f=0.1Hz to 10Hz) Very Accurate (Low Offset) ±75µV Max. Pin Compatable with CLC207 and KH207 MIL-PRF-38534 CERTIFIED DESCRIPTION: The MSK 707 is an inverting composite operational amplifier that combines extremely high bandwidth and slew rate with excellent D.C. accuracy to produce an amplifier perfectly suited for high performance data aquisition and conversion as well as high speed commmunication and line drive. The performance of the MSK 707 is guaranteed over the full military tem- perature range and for more cost sensitive applications is available in an industrial version. The standard package style is a space efficient 12 pin TO-8. However, alternate package styles are available upon request. EQUIVALENT SCHEMATIC TYPICAL APPLICATIONS TYPICAL APPLICATIONS PIN-OUT INFORMATION High Performance Data Aquisition Coaxial Line Driver Data Conversion Circuits High Speed Communications Ultra High Resolution Video Amplifier Positive Power Supply NC Case Ground NC Inverting Input Non-Inverting Input 1 2 3 4 5 6 Case Ground Internal Feedback Negative Power Supply Negative Short Circuit Output Positive Short Circuit 7 8 9 10 11 12 PRELIMINARY Rev. - 2/04 1 EQUIVALENT SCHEMATIC |
Số phần tương tự - MSK707 |
|
Mô tả tương tự - MSK707 |