công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8581SERV bảng dữ liệu(PDF) 85 Page - Wolfson Microelectronics plc

tên linh kiện WM8581SERV
Giải thích chi tiết về linh kiện  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581SERV bảng dữ liệu(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8581SERV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
85
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
UPD_NON_AUDIO
-
NON_AUDIO update signal
0 = INTB not caused by update to NON_AUDIO flag
1 = INTB caused by update to NON_AUDIO flag
5
UPD_CPY_N
-
CPY_N update signal
0 = INTB not caused by update to CPY_N flag
1 = INTB caused by update to CPY_N flag
6
UPD_DEEMPH
-
DEEMPH update signal
0 = INTB not caused by update to DEEMPH flag
1 = INTB caused by update to DEEMPH flag
7
UPD_REC_FREQ
-
REC_FREQ update signal
0 = INTB not caused by update to REC_FREQ flag
1 = INTB caused by update to REC_FREQ flag
0
CON/PRO
-
0 = Consumer Mode
1 = Professional Mode
The WM8581 is a consumer mode device. Detection of
professional mode may give erroneous behaviour.
1
AUDIO_N
-
Recovered S/PDIF Channel status bit 1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
2
CPY_N
-
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
3
DEEMPH
-
0 = Recovered S/PDIF data has no pre-emphasis.
1 = Recovered S/PDIF data has pre-emphasis.
5:4
Reserved
-
Reserved for additional de-emphasis modes.
R44
SPDRXCHAN 1
2C
7:6
CHSTMODE
[1:0]
-
00 = Only valid mode for consumer applications.
R45
SPDRXCHAN 2
2Dh
7:0
CATCODE
[7:0]
-
Category Code. Refer to S/PDIF specification for details.
00h indicates “general” mode.
3:0
SRCNUM
[3:0]
-
Indicates number of S/PDIF source.
R46
SPDRXCHAN 3
2Eh
7:4
CHNUM1[3:0]
-
Channel number for channel 1.
0000 = Take no account of channel number (channel 1 defaults to
left DAC)
0001 = channel 1 to left channel
0010 = channel 1 to right channel
3:0
FREQ[3:0]
-
Sampling Frequency. See S/PDIF specification for details.
0001 = Sampling Frequency not indicated.
R47
SPDRXCHAN 4
2Fh
5:4
CLKACU[1:0]
-
Clock Accuracy of received clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to sampling frequency.
0
MAXWL
-
Maximum Audio sample word length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
000: Word Length Not Indicated
RXWL[2:0]
MAXWL==1
MAXWL==
0
001
20 bits
16 bits
010
22 bits
18 bits
R48
SPDRXCHAN 5
30h
3:1
RXWL[2:0]
-
100
23 bits
19 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com