| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STX5525 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STX5525 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 3 page ![]() STX5525 2/3 FEATURES n ST231 multi-issue host CPU –400 MHz – 32 Kbyte ICache, 32 Kbite DCache – MMU processor n Secure Video Processor (SVP) support n Multi-input DVR-capable transport subsystem – Supports DVB and DIRECTV® stream, – Integrated DES, DVB, ICAM, Multi2, AES descramblers, – NDS RASP compliant. n Dual MPEG-2 MP@ML video decoder – Smooth fastforward and rewind trickmodes n Dual TV outputs – PAL/NTSC/SECAM encoders n Blitter based graphics – 16 bpp with alpha blending n Dual audio deciding and PCM mixing – MPEG layers I/II, and Dolby ® Digital n Dual USB 2.0 ports n Integrated SATA interface. PART NUMBERING Table 1. Order Codes Part Number Description STx5525xxx xxx STx5525-MBoard xxxx |