công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSK1902 bảng dữ liệu(PDF) 5 Page - M.S. Kennedy Corporation

tên linh kiện MSK1902
Giải thích chi tiết về linh kiện  HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MSK [M.S. Kennedy Corporation]
Trang chủ  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1902 bảng dữ liệu(HTML) 5 Page - M.S. Kennedy Corporation

  MSK1902 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1902 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NOTES:
The connection circuit shown above is for the MSK 1902-0 evaluation board. The Rp and Lp are external compo-
nents and must not be located near ground planes if possible. A high quality resistor such as Bradford Electronics P/
N FP10-400 is required for optimum response times. Use an inductor with a high self-resonant frequency that can
withstand the currents required for the application.
When using the other variants of the MSK 1902, place an additional bypass capacitor on pins 16 and 17 if series
(Rp and Lp) components are not utilized. The pin should connect to +VHV with a short low impedance path.
For additional application information, please contact MSK. Evaluation amplifiers with test boards are available
upon request.
TYPICAL CONNECTION CIRCUIT
Rev. B 2/03
5



Html Pages

1 2 3 4 5 6