| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP79522 bảng dữ liệu(PDF) 50 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79522 bảng dữ liệu(HTML) 50 Page - Microchip Technology |
|
50 / 58 page ![]() MCP7951X/MCP7952X DS20002300D-page 50 2012-2022 Microchip Technology Inc.and its subsidiaries RECOMMENDED LAND PATTERN Microchip Technology Drawing No. C04-2021-MS Rev E 10-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP] BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M 1. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Dimension Limits Units C Contact Pad Spacing Overall Width Contact Pitch Z MILLIMETERS 0.50 BSC MIN E MAX 4.40 5.80 Contact Pad Length (X10) Contact Pad Width (X10) Y1 X1 1.40 0.30 G Distance Between Pads (X8) 0.20 NOM Distance Between Pads (X5) G1 3.00 E C Z G1 X1 G Y1 SILK SCREEN |