| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP7940N-I/P bảng dữ liệu(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP7940N-I/P bảng dữ liệu(HTML) 20 Page - Microchip Technology |
|
20 / 58 page ![]() MCP7940N DS20005010J-page 20 2011-2022 Microchip Technology Inc. and its subsidiares 5.4 Alarms The MCP7940N features two independent alarms. Each alarm can be used to either generate an interrupt at a specific time in the future, or to generate a periodic interrupt every minute, hour, day, day of week, or month. There is a separate interrupt flag, ALMxIF, for each alarm. The interrupt flags are set by hardware when the chosen alarm mask condition matches (Table 5-5). The interrupt flags must be cleared in software. If either alarm module is enabled by setting the corre- sponding ALMxEN bit in the CONTROL register, and if the square wave clock output is disabled (SQWEN = 0), then the MFP will operate in Alarm Interrupt Output mode. Refer to Section 5.5 “Output Configurations” for details. The alarm interrupt output is available while operating from the backup power supply. Both Alarm0 and Alarm1 offer identical operation. All time and date values are stored in the registers as binary-coded decimal (BCD) values. TABLE 5-5: ALARM MASKS FIGURE 5-6: ALARM BLOCK DIAGRAM Note: Throughout this section, references to the register and bit names for the alarm mod- ules are referred to generically by the use of ‘x’ in place of the specific module num- ber. Thus, “ALMxSEC” might refer to the seconds register for Alarm0 or Alarm1. ALMxMSK<2:0> Alarm Asserts on Match of 000 Seconds 001 Minutes 010 Hours 011 Day of Week 100 Date 101 Reserved 110 Reserved 111 Seconds, Minutes, Hours, Day of Week, Date, and Month Note 1: The alarm interrupt flags must be cleared by the user. If a flag is cleared while the corresponding alarm condition still matches, the flag will be set again, gener- ating another interrupt. 2: Loading invalid values into the alarm reg- isters will result in undefined operation. MFP RTCSEC RTCMIN RTCHOUR RTCWKDAY RTCDATE RTCMTH Timekeeping Registers ALM1SEC ALM1MIN ALM1HOUR ALM1WKDAY ALM1DATE ALM1MTH Alarm1 Registers ALM0SEC ALM0MIN ALM0HOUR ALM0WKDAY ALM0DATE ALM0MTH Alarm0 Registers Alarm0 Mask Alarm1 Mask Comparator Comparator MFP Output Logic Set ALM0IF Set ALM1IF ALM0MSK<2:0> ALM1MSK<2:0> |