| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP79512 bảng dữ liệu(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79512 bảng dữ liệu(HTML) 47 Page - Microchip Technology |
|
47 / 58 page ![]() 2012-2022 Microchip Technology Inc. and its subsidiaries DS20002300D-page 47 MCP7951X/MCP7952X 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Part Number 1st Line Marking Codes MSOP TDFN MCP79510 79510T 510T MCP79520 79520T 520T MCP79511 79511T 511T MCP79521 79521T 521T MCP79512 79512T 512T MCP79522 79522T 522T Note: T = Temperature grade NN = Alphanumeric traceability code Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code JEDEC® designator for Matte Tin (Sn) * This package is RoHS compliant. The JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 10-Lead MSOP (3x3 mm) Example 10-Lead TDFN (03x03x0.8 mm) Example 79520I 14013F 520I 2140 13F |