công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP79520 bảng dữ liệu(PDF) 50 Page - Microchip Technology

tên linh kiện MCP79520
Giải thích chi tiết về linh kiện  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520 bảng dữ liệu(HTML) 50 Page - Microchip Technology

Back Button MCP79520 Datasheet HTML 46Page - Microchip Technology MCP79520 Datasheet HTML 47Page - Microchip Technology MCP79520 Datasheet HTML 48Page - Microchip Technology MCP79520 Datasheet HTML 49Page - Microchip Technology MCP79520 Datasheet HTML 50Page - Microchip Technology MCP79520 Datasheet HTML 51Page - Microchip Technology MCP79520 Datasheet HTML 52Page - Microchip Technology MCP79520 Datasheet HTML 53Page - Microchip Technology MCP79520 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 50
 2012-2022 Microchip Technology Inc.and its subsidiaries
RECOMMENDED LAND PATTERN
Microchip Technology Drawing No. C04-2021-MS Rev E
10-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C
Contact Pad Spacing
Overall Width
Contact Pitch
Z
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.40
5.80
Contact Pad Length (X10)
Contact Pad Width (X10)
Y1
X1
1.40
0.30
G
Distance Between Pads (X8)
0.20
NOM
Distance Between Pads (X5)
G1
3.00
E
C
Z
G1
X1
G
Y1
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58