công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LNK520P-TL bảng dữ liệu(PDF) 7 Page - Power Integrations, Inc.

tên linh kiện LNK520P-TL
Giải thích chi tiết về linh kiện  Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  POWERINT [Power Integrations, Inc.]
Trang chủ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK520P-TL bảng dữ liệu(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK520P-TL Datasheet HTML 3Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 4Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 10Page - Power Integrations, Inc. LNK520P-TL Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LNK520
E
2/05
PI-3723-111303
R1
390 k
Ω
1/4 W
R3
15
Ω
J1
RF1
8.2
Ω
2 W
U1
LNK520P
C5
220 nF
C6
330
µF
16 V
C3
1
µF
50 V
C1
4.7
µF
400 V
D7
11DQ06
D1
1N4005
D3
1N4005
R4
6.81 k
Ω
1%, 1/4 W
1
7
6
8T
26T
100T
4
2
RTN
5.5 V, 500 mA
85 - 265
VAC
LinkSwitch
L1
1 mH
0.15 A
L
N
T1
EE16
LP = 2.52 mH
D5
1N4007GP
C2
4.7
µF
400 V
R2
100
Ω
C4
330 pF
1 kV
5
D6B
1N4937
D2
1N4005
D4
1N4005
D
S
C
100
0
200
300
400
500
600
700
Output Current (mA)
0
1
2
3
4
5
6
7
8
9
10
85 VAC
115 VAC
190 VAC
230 VAC
265 VAC
Limits
Figure 10. 2.75 W Constant Voltage/Constant Current (CV/CC) Charger Using LinkSwitch.
Figure 11. Measured Output Characteristic of the Circuit in Figure 10.
The secondary of the transformer is rectified and filtered by
D7 and C6 to provide the DC output to the load. LinkSwitch
dramatically simplifies the secondary side by controlling both
the constant voltage and constant current regions entirely from
the primary side. This is achieved by monitoring the primary-
side bias voltage.
Diode D5, C4, R1 and R2 form the primary clamp network.
This limits the peak DRAIN voltage due to leakage inductance.
Resistor R2 allows the use of a slow, low cost rectifier diode
by limiting the reverse current through D5 when U1 turns on.
The selection of a slow diode improves radiated EMI and also
improves CV regulation, especially at no-load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com