công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADIN2299BBCZ bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADIN2299BBCZ
Giải thích chi tiết về linh kiện  RapID Platform Generation 2 (RPG2) Network Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADIN2299BBCZ bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADIN2299BBCZ Datasheet HTML 4Page - Analog Devices ADIN2299BBCZ Datasheet HTML 5Page - Analog Devices ADIN2299BBCZ Datasheet HTML 6Page - Analog Devices ADIN2299BBCZ Datasheet HTML 7Page - Analog Devices ADIN2299BBCZ Datasheet HTML 8Page - Analog Devices ADIN2299BBCZ Datasheet HTML 9Page - Analog Devices ADIN2299BBCZ Datasheet HTML 10Page - Analog Devices ADIN2299BBCZ Datasheet HTML 11Page - Analog Devices ADIN2299BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
ADIN2299
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 8 of 21
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to GND
−0.3 V to +3.6 V
Power Dissipation
840 mW
Temperature
TA Range, Industrial
–40°C to +85°C
Storage Range
–65°C to +150°C
Junction (TJ Maximum)
125°C
Lead, Soldering
JEDEC industry-standard, J-
STD-020
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for the ADIN2299
Table 8. ADIN2299, 194-Ball CSP_BGA
ESD Model
Withstand Threshold (V)
Class
HBM
2500
2
FICDM
2000
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com