công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI5905DC bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SI5905DC
Giải thích chi tiết về linh kiện  Dual P-Channel 1.8 V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5905DC bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SI5905DC Datasheet HTML 1Page - Vishay Siliconix SI5905DC Datasheet HTML 2Page - Vishay Siliconix SI5905DC Datasheet HTML 3Page - Vishay Siliconix SI5905DC Datasheet HTML 4Page - Vishay Siliconix SI5905DC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number: 71066
S10-0936-Rev. C, 19-Apr-10
Vishay Siliconix
Si5905DC
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 6.4 V, VGS = 0 V
- 1
µA
VDS = - 6.4 V, VGS = 0 V, TJ = 85 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 3 A
0.075
0.090
Ω
VGS = - 2.5 V, ID = - 2.5 A
0.110
0.130
VGS = - 1.8 V, ID = - 1.0 A
0.150
0.180
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 3 A
7
S
Diode Forward Voltagea
VSD
IS = - 0.9 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 4 V, VGS = - 4.5 V, ID = - 3 A
5.5
9
nC
Gate-Source Charge
Qgs
0.5
Gate-Drain Charge
Qgd
1.5
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 4 Ω
ID ≅ - 1 A, VGEN = - 4.5 V, Rg = 6 Ω
10
15
ns
Rise Time
tr
45
70
Turn-Off Delay Time
td(off)
30
45
Fall Time
tf
10
15
Source-Drain Reverse Recovery Time
trr
IF = - 0.9 A, dI/dt = 100 A/µs
30
60
Output Characteristics
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS =5V
t
hru3V
VDS - Drain-to-Source Voltage (V)
1.5 V
2V
2.5 V
1V
Transfer Characteristics
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC =- 55 °C
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com