| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NBP8 bảng dữ liệu(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NBP8 bảng dữ liệu(HTML) 21 Page - NXP Semiconductors |
|
21 / 58 page ![]() NXP Semiconductors NBP8 Battery pressure monitor sensor Time aaa-037675 Debounce_cnt is equeal to 6 so we calculate Slope, and Slope > Slope_T => STF flag is raised Debounce_cnt is equal to 6 so we calculate Slope, and Slope < Slope_T => STF flag is not raised, Debounce_cnt set to 0, Pref set to Pcurrent = 170 and t = 0 100 50 100 150 200 250 300 150 200 250 300 350 400 450 500 550 600 Slope 1 = [(170-100)*128]/(5+1) = 1493 Slope 2 = [(320-170)*128]/(7+1) = 2400 650 700 750 800 850 900 950 ms 100 Pcurrent value User configuration: - - - Debounce_T = 5 Min_T = 5 Slope_T = 2000 Pressure Unit for indication only 110 105 100 120 130 135 150 160 170 180 200 230 250 200 270 300 320 0 Deb_ST_cnt value 1 0 0 1 2 3 4 5 1 2 3 4 3 4 5 6 0 t value 1 0 0 1 2 3 4 5 1 2 3 4 5 6 7 100 PrefSt value 100 105 100 100 100 100 100 100 170 170 170 170 170 170 170 Figure 14. Example of slope threshold algorithm flow 6.5.5 Description of the pressure FIFO The last twelve pressure measurements are stored in the pressure FIFO. Pressure measurements are stored on two bytes, so the FIFO depth is 24 bytes. The FIFO is implemented as a rolling buffer: the most recent pressure measurement overwrites the oldest one. An 8-bit index INDFIFO holds the value of the last address written. The FIFO starts at address $0076 and ends at address $008D. Addresses that have not yet been written contain the value 0x00. Measurements are written from the lower to the higher addresses, Most Significant Byte first. When the highest address has been written, the next sample is written at the lowest address. Figure 15 shows how the program fills FIFO, for the first 25 samples. The index value after the sample Pn - the nth sample - has been written is also indicated. NBP8 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2022. All rights reserved. Product data sheet Rev. 2.4 — 11 March 2022 21 / 58 |