| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP4427CX bảng dữ liệu(PDF) 5 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP4427CX bảng dữ liệu(HTML) 5 Page - Sipex Corporation |
|
5 / 9 page ![]() SP4427DS/01 SP4427 Electroluminescent Lamp Driver © Copyright 1997 Sipex Corporation 5 dim to dark conditions for momentary periods of time. EL lamps typically consume less than LEDs or bulbs making them ideal for battery powered products. Also, EL lamps are able to evenly light an area without creating "hot spots" in the display. The amount of light emitted is a function of the voltage applied to the lamp, the frequency at which it is applied, the lamp material used and its size, and lastly, the inductor used. There are many variables which can be optimized for specific applications. Sipex supplies characterization charts to aid the designer in selecting the optimum circuit configuration. |