| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP4425Q bảng dữ liệu(PDF) 1 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP4425Q bảng dữ liệu(HTML) 1 Page - Sipex Corporation |
|
1 / 12 page ![]() SP4425QDS/12 SP4425Q Electroluminescent Lamp Driver © Copyright 1998 Sipex Corporation 1 DESCRIPTION The SP4425Q is a high voltage output DC-AC converter that can operate from a single 3.0 V DC power supply. The SP4425Q is capable of supplying up to 220 VPP signals, making it ideal for driving electroluminescent lamps. The device features 100 nA (typical) standby current for use in low power portable products. One external inductor is required to generate the high voltage charge and one external capacitor is used to select the oscillator and lamp frequencies. The SP4425Q is offered in an 8-pin µSOIC package. For delivery in die form, please consult the factory. Electroluminescent Lamp Driver for Low Noise Applications s Low Noise Waveform s Tunable Waveshaping s DC to AC Inverter for EL Backlit Display Panels s Externally Adjustable Internal Oscillator s Low Current Standby Mode APPLICATIONS s Cellular Phones s Cordless Phones s Handsets s Backlit LCD Displays SP4425Q Block Diagram SP4425Q SIGNAL PROCESSING EXCELLENCE HON VDD D1 VSS COIL EL2 EL1 SP4425Q 8 7 4 3 2 1 5 6 COSC |
Số phần tương tự - SP4425Q |
|
Mô tả tương tự - SP4425Q |