công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SIP12110DB bảng dữ liệu(PDF) 4 Page - Vishay Siliconix

tên linh kiện SIP12110DB
Giải thích chi tiết về linh kiện  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12110DB bảng dữ liệu(HTML) 4 Page - Vishay Siliconix

  SIP12110DB Datasheet HTML 1Page - Vishay Siliconix SIP12110DB Datasheet HTML 2Page - Vishay Siliconix SIP12110DB Datasheet HTML 3Page - Vishay Siliconix SIP12110DB Datasheet HTML 4Page - Vishay Siliconix SIP12110DB Datasheet HTML 5Page - Vishay Siliconix SIP12110DB Datasheet HTML 6Page - Vishay Siliconix SIP12110DB Datasheet HTML 7Page - Vishay Siliconix SIP12110DB Datasheet HTML 8Page - Vishay Siliconix SIP12110DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S20-0484-Rev. B, 29-Jun-2020
4
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM
Fig. 2 - SiP12110 Functional Block Diagram
PIN CONFIGURATION
Fig. 3 - SiP12110 Pin Configuration (Top View)
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1, 16
VIN
Input supply voltage for power MOS. VIN = 4.5 V to 15 V
2VCC
Internal regulator output, tie VCC to VIN when VIN < 5.5 V
3AGND
Analog ground
4RON
An external resistor between RON and AGND sets the switching on time
5
COMP
Connect to an external RC network for loop compensation and droop function
6VFB
Feedback voltage. 0.6 V (typ.). Use a resistor divider between VOUT and AGND to set the output voltage
7
SS
An external capacitor between SS and AGND sets the soft start time
8
EN
Enable pin. Pull enable above 1.5 V to enable and below 0.4 V to disable the part. Do not float this pin
9PGOOD
Power good output. Open drain
10, 11, 12
LX
Switching node, inductor connection point
13
BOOT
Bootstrap pin - connect a capacitor of at least 100 nF from BOOT to LX to develop the floating supply
for the high-side gate drive
14, 15, PAD
PGND
Power ground
On-time
generator
+
-
PWM
comparator
Soft
start
0.6 V
reference
AGND
PGOOD
VCC
EN
VFB
VIN
LX
PGND
VIN
VCC
Anti-
XCOND
control
ZCD
+
-
0.72 V
OV comparator
Control
logic
sectionl
OCP
UVLO
OTP
COMP
OTA
+
-
+
Isense
I-V
converter
Isense
RON
+
-
0.45 V
VFB
UV comparator
Current
mirror
5 V
regulator
VCC
5 μA
SS
VCC
LX
LX
PGND
BOOT
PAD
V
IN
LX
P
GOOD
V
CC
1
2
3
4
5
6
7
8
12
11
10
9
15
14
13
16
P
GND
R
ON
A
GND
LX
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com