công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

USB7006 bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện USB7006
Giải thích chi tiết về linh kiện  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button USB7006_V01 Datasheet HTML 43Page - Microchip Technology USB7006_V01 Datasheet HTML 44Page - Microchip Technology USB7006_V01 Datasheet HTML 45Page - Microchip Technology USB7006_V01 Datasheet HTML 46Page - Microchip Technology USB7006_V01 Datasheet HTML 47Page - Microchip Technology USB7006_V01 Datasheet HTML 48Page - Microchip Technology USB7006_V01 Datasheet HTML 49Page - Microchip Technology USB7006_V01 Datasheet HTML 50Page - Microchip Technology USB7006_V01 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS00003715B-page 47
USB7006
10.0 PACKAGE OUTLINE
10.1
Package Marking Information
* Standard device marking consists of Microchip part number, year code, week code and traceability code.
For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.
For QTP devices, any special marking adders are included in QTP price.
Legend:
i
Temperature range designator (Blank = commercial,
i
= industrial/automotive)
R
Product revision
nnn
Internal code
e3
Pb-free JEDEC® designator for Matte Tin (Sn)
YY
Year code (last two digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
100-VQFN (12x12 mm)
PIN 1
 
USB7006i
Rnnn e3
YYWWNNN
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56