công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI6CFGL202BLIEX bảng dữ liệu(PDF) 8 Page - Diodes Incorporated

tên linh kiện PI6CFGL202BLIEX
Giải thích chi tiết về linh kiện  Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CFGL202BLIEX bảng dữ liệu(HTML) 8 Page - Diodes Incorporated

  PI6CFGL202BLIEX Datasheet HTML 1Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 2Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 3Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 4Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 5Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 6Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 7Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 8Page - Diodes Incorporated PI6CFGL202BLIEX Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.diodes.com
May 2018
Diodes Incorporated
PI6CFGL202B
Document Number DS41024 Rev 1-2
A product Line of
Diodes Incorporated
PI6CFGL202B
Packaging Mechanical:
16-TSSOP (L)
16-0061
Ordering Information
Ordering Code
Package Code
Description
PI6CFGL202BLIEX
L
16-pin, 173mil Wide (TSSOP)
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, “Green” and Lead-free.
Thermal characteristics can be found on the company web site at www.diodes.com/design/support/packaging/
3. E = Pb-free and Green
4. X suffix = Tape/Reel
For latest package info.
please check: http://www.diodes.com/design/support/packaging/pericom-packaging/packaging-mechanicals-and-thermal-characteristics/



Html Pages

1 2 3 4 5 6 7 8 9