công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SQJ968EP bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SQJ968EP
Giải thích chi tiết về linh kiện  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ968EP bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SQJ968EP Datasheet HTML 1Page - Vishay Siliconix SQJ968EP Datasheet HTML 2Page - Vishay Siliconix SQJ968EP Datasheet HTML 3Page - Vishay Siliconix SQJ968EP Datasheet HTML 4Page - Vishay Siliconix SQJ968EP Datasheet HTML 5Page - Vishay Siliconix SQJ968EP Datasheet HTML 6Page - Vishay Siliconix SQJ968EP Datasheet HTML 7Page - Vishay Siliconix SQJ968EP Datasheet HTML 8Page - Vishay Siliconix SQJ968EP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SQJ968EP
www.vishay.com
Vishay Siliconix
S16-1227-Rev. C, 20-Jun-16
2
Document Number: 62817
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
60
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.5
2.0
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
-
-
1
μA
VGS = 0 V
VDS = 60 V, TJ = 125 °C
-
-
50
VGS = 0 V
VDS = 60 V, TJ = 175 °C
-
-
150
On-State Drain Current a
ID(on)
VGS = 10 V
VDS  5 V
30
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V
ID = 4.8 A
-
0.0280
0.0336
VGS = 10 V
ID = 4.8 A, TJ = 125 °C
-
-
0.0900
VGS = 10 V
ID = 4.8 A, TJ = 175 °C
-
-
0.1430
VGS = 4.5 V
ID = 4.2 A
-
0.0370
0.0444
Forward Transconductance b
gfs
VDS = 15 V, ID = 4.8 A
-
16
-
S
Dynamic b
Input Capacitance
Ciss
VGS = 0 V
VDS = 30 V, f = 1 MHz
-
571
714
pF
Output Capacitance
Coss
-98
123
Reverse Transfer Capacitance
Crss
-38
48
Total Gate Charge c
Qg
VGS = 10 V
VDS = 30 V, ID = 4.5 A
-
12.3
18.5
nC
Gate-Source Charge c
Qgs
-1.9
-
Gate-Drain Charge c
Qgd
-2.6
-
Gate Resistance
Rg
f = 1 MHz
1.3
-
6
Turn-On Delay Time c
td(on)
VDD = 30 V, RL = 30 
ID  1 A, VGEN = 10 V, Rg = 1 
-8
12
ns
Rise Time c
tr
-
9
13.5
Turn-Off Delay Time c
td(off)
-19.5
29
Fall Time c
tf
-6.5
10
Source-Drain Diode Ratings and Characteristics b
Pulsed Current a
ISM
--
32
A
Forward Voltage
VSD
IF = 3.1 A, VGS = 0 V
-
0.8
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com