| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC5604BAVLH6R bảng dữ liệu(PDF) 67 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5604BAVLH6R bảng dữ liệu(HTML) 67 Page - NXP Semiconductors |
|
67 / 109 page ![]() Package pinouts and signal descriptions MPC5604B/C Microcontroller Data Sheet, Rev. 15 NXP Semiconductors 67 Figure 16. Crystal oscillator and resonator connection scheme Figure 17. Equivalent circuit of a quartz crystal Table 38. Crystal motional characteristics1 1 Crystal used: Epson Toyocom MC306 Symbol Parameter Conditions Value Unit Min Typ Max Lm Motional inductance — — 11.796 — KH Cm Motional capacitance — — 2 — fF C1/C2 Load capacitance at OSC32K_XTAL and OSC32K_EXTAL with respect to ground2 —18 — 28 pF Rm 3 Motional resistance AC coupled @ C0 = 2.85 pF4 —— 65 k Ω AC coupled @ C0 = 4.9 pF4 —— 50 AC coupled @ C0 = 7.0 pF4 —— 35 AC coupled @ C0 = 9.0 pF4 —— 30 OSC32K_XTAL OSC32K_EXTAL DEVICE C2 C1 OSC32K_XTAL OSC32K_EXTAL DEVICE Note: OSC32K_XTAL/OSC32K_EXTAL must not be directly used to drive external circuits. C0 C2 C1 C2 Rm C1 Lm Cm Crystal |