| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24FC64T-E/MF bảng dữ liệu(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24FC64T-E/MF bảng dữ liệu(HTML) 46 Page - Microchip Technology |
|
46 / 51 page ![]() 24AA64/24FC64/24LC64 DS20001189U-page 46 1997-2022 Microchip Technology Inc. and its subsidiaries APPENDIX A: REVISION HISTORY Revision U (0 3/2022) Added Product Identification System section for Auto- motive; Updated DFN, PDIP, SOIC, SOT-23, TDFN and TSSOP package drawings; Added DFN-S product offering; Replaced terminology “Master” and “Slave” with “Host” and “Client”, respectively; Replaced “Auto- motive (E):” designation with “Extended (E):” designa- tion; Reformatted some sections for better readability. Revision T (12/2012) Revised automotive E-temp; Product ID System. Revision S (01/2012) Updated package drawings: Updated Product ID. Revision R (03/2010) Added TSSOP X-Rotated package; Updated package drawings; Updated Product ID. Revision Q (06/09) Revised Features section; Revised Table 1-2, Para. 18; Added note to Table 2-1; Revised SOT-23 package example. Revision P (03/2009) Added 5-lead Chip Scale Package Diagram and Land Pattern; Revised Block Diagram. Revision N (03/2009) Added 5-lead Chip Scale package. Revision M (01/2009) Updated package drawings; Added 8-lead TDFN and 5-lead SOT-23 packages. Revision L (03/2007) Added 24FC64 Part; Revised Device Selection Table; Revised Features section; Deleted Rotated TSSOP Package; Revised Table 1-2; Revised Table 7-1; Revised Package Information; Replaced package drawings; Revised Product ID section. Revision K (08/2005) Revised Sections 7.1 and 7.4. Revision J (04/2005) Added DFN package. Revision H (12/2003) Corrections to Section 1.0, Electrical Characteristics. |