| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
24LC64-I/ST bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC64-I/ST bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 51 page ![]() 24AA64/24FC64/24LC64 DS20001189U-page 28 1997-2022 Microchip Technology Inc. and its subsidiaries RECOMMENDED LAND PATTERN Dimension Limits Units Contact Pitch MILLIMETERS 0.65 BSC MIN E MAX Contact Pad Length (X8) Contact Pad Width (X8) Y X 1.45 0.45 NOM C Contact Pad Spacing 4.40 Contact Pad to Contact Pad (X4) G1 2.95 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M 1. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: E C Contact Pad to Contact Pad (X6) GX 0.20 X Y G1 GX SILK SCREEN 8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP] Microchip Technology Drawing C04-2111-MS Rev D |