công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MIC33050 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MIC33050
Giải thích chi tiết về linh kiện  4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33050 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MIC33050 Datasheet HTML 1Page - Microchip Technology MIC33050 Datasheet HTML 2Page - Microchip Technology MIC33050 Datasheet HTML 3Page - Microchip Technology MIC33050 Datasheet HTML 4Page - Microchip Technology MIC33050 Datasheet HTML 5Page - Microchip Technology MIC33050 Datasheet HTML 6Page - Microchip Technology MIC33050 Datasheet HTML 7Page - Microchip Technology MIC33050 Datasheet HTML 8Page - Microchip Technology MIC33050 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MIC33050
DS20006120B-page 4
2018 - 2022 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VIN)....................................................................................................................................................+6V
Output Switch Voltage (VSW) ......................................................................................................................................+6V
Output Switch Current (ISW)..........................................................................................................................................2A
Logic Enable Input Voltage (VEN).................................................................................................................. –0.3V to VIN
ESD Rating (Note 1)................................................................................................................................... ESD Sensitive
Operating Ratings ‡
Supply Voltage (VIN)..................................................................................................................................+2.7V to +5.5V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability. Specifications are for packaged product only.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: TA = 25°C, VIN = VEN = 3.6V; CFF = 560 pF; COUT = 4.7µF; IOUT = 20 mA unless
otherwise specified.
Bold values indicate –40°C ≤ TJ ≤ +125°C. Specification for packaged product only.
Parameter
Symbol
Min.
Typ.
Max. Units Conditions
Supply Voltage Range
VIN
2.7
—
5.5
V
—
Undervoltage Lockout
Threshold
UVLO
2.45
2.55
2.65
V
Turn-On
Undervoltage Lockout
Hysteresis
UVLOHYS
—
100
—
mV
—
Quiescent Current
IQ
—
20
32
µA
IOUT = 0 mA, SNS > 1.2 * VOUT(NOM)
Shutdown Current
ISHDN
—
0.01
4
µA
VEN = 0V; VIN = 5.5V
Output Voltage Accuracy
ΔVOUT
–2.5
—
+2.5
%
VIN = 3.0V; ILOAD = 20 mA
Current Limit in PWM Mode
ILIM
0.65
1
1.7
A
VSNS = 0.9*VOUT(NOM)
Output Voltage Line
Regulation
ΔVO_LINE
—
0.5
—
%/V VIN = 3.0V to 5.5V, ILOAD = 20 mA
Output Voltage Load
Regulation
ΔVO_LOAD
—
0.3
—
%
20 mA < ILOAD < 500 mA
Feedback Voltage
VFB
390
400
410
mV
VIN = 3.0V; IOUT = 20 mA
Maximum Duty Cycle
DMAX
80
89
—
%
VSNS ≤ VOUT(NOM)
PWM Switch On-Resistance
RDS(ON)P
—
0.45
—
Ω
ISW = 100 mA PMOS
RDS(ON)N
—
0.5
—
ISW = –100 mA NMOS
Switching Frequency
fSW
—
4
—
MHz IOUT = 120 mA
Soft Start Time
tSS
—
650
—
µs
VOUT = 90% of VOUT(NOM)
Enable Threshold
VENTH
0.5
0.8
1.2
V
Turn-On
Enable Hysteresis
VENHYS
—
35
—
mV
—
Enable Input Current
IEN
—
0.1
2
µA
—
Overtemperature Shutdown
TSD
—
165
—
°C
—
Overtemperature Shutdown
Hysteresis
TSDHYS
—
20
—
°C
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22